PART |
Description |
Maker |
RD48F3000L0ZTQ0 |
1.8 Volt Intel StrataFlashWireless Memory with 3.0-Volt I/O (L30) 8M X 16 FLASH 1.8V PROM, PBGA80
|
Intel, Corp.
|
DA28F320J5-120 DT28F320J5A-120 DA28F640J5A-150 DA2 |
EEPROM|FLASH|2MX16/4MX8|CMOS|SOP|56PIN|PLASTIC 5 Volt Intel StrataFlash? Memory 5 Volt Intel StrataFlash庐 Memory
|
Intel Corporation
|
TE28F640J3 TE28F256J3 TE28F320J3C-110 TE28F128J3A- |
8M X 16 FLASH 2.7V PROM, 120 ns, PDSO56 Intel StrataFlash Memory (J3) Strata Flash Memory 256M 256M Strata Flash Memory
|
NUMONYX Intel Corporation
|
RF38F001000YBQ0 RF38F001000YDQ0 RF38F001000YTQ0 RF |
Wireless Flash Memory (W18/W30 SCSP)
|
Numonyx B.V
|
313272-06 PF38F5070M0Y0B0 |
Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
|
Numonyx B.V
|
RD38F201000ZBQ0 RF38F201000ZBQ0 RD38F101000ZBQ0 RF |
Wireless Flash Memory (W18/W30 SCSP)
|
Numonyx B.V
|
CD551-115 CD551-104 CD551-101 |
Intel® RAID Controller SRCZCRX, PCI-X 133MHz Interface, 2 U320 SCSI Channels, 128 MB embedded ECC DDR 333 SDRAM Intel® PRO/Wireless 3945BG Network Connection 逻辑IC Logic IC
|
Advanced Interconnections, Corp.
|
PH28F128L18 28F128L18 28F256L18 |
(28FxxxL18) StrataFlash Wireless Memory (PH28FxxxL18) StrataFlash Wireless Memory
|
Intel Corporation
|
AM29F032B-75 AM29F032B-90EF |
32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:32Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 4M X 8 FLASH 5V PROM, 90 ns, PDSO40
|
Spansion, Inc.
|
AT49LV1614AT AT49BV1614AT-90TI AT49BV1614A-90TI AT |
AT49BV1604A(T)/AT49BV/LV1614A(T) [Updated 3/02. 26 Pages] 16M bit . 2.7-Volt(BV)/ 3.0 - Volt (LV). Sectored Flash. Dual Plane. Top or Bottom Boot 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 16兆位100万x 16/2M × 8 3伏,只有闪存
|
Atmel Corp. Atmel, Corp.
|